Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 24Page - STMicroelectronics L99DZ120 Datasheet HTML 25Page - STMicroelectronics L99DZ120 Datasheet HTML 26Page - STMicroelectronics L99DZ120 Datasheet HTML 27Page - STMicroelectronics L99DZ120 Datasheet HTML 28Page - STMicroelectronics L99DZ120 Datasheet HTML 29Page - STMicroelectronics L99DZ120 Datasheet HTML 30Page - STMicroelectronics L99DZ120 Datasheet HTML 31Page - STMicroelectronics L99DZ120 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 162 page
background image
Electrical specifications
L99DZ120
28/162
DocID029145 Rev 4
Figure 8. Voltage regulator V1 characteristics (quiescent current and accuracy)
ICMP_hys
Current comp.
Hysteresis
1.2
mA
IPeak_ris(2)
Current comp. rising
thresh.
Rising current
6
12
18
mA
IPeak_fal(2)
Current comp. falling
threshold
Falling current
5
10
15
mA
IPeak_hys(2)
Current comp.
Hysteresis
2mA
V1fail
V1 fail threshold
V1 forced
2
V
tV1fail
V1 fail filter time
2
µs
tV1short
V1 short filter time
4
ms
tV1FS
V1 Fail-Safe Filter Time
2
ms
tV1off
V1 deactivation time
after 8 consecutive WD
failures
Tested by scan
150
200
250
ms
1. Nominal capacitor value required for stability of the regulator. Tested with 220 nF ceramic (+/- 20%). Capacitor must be
located close to the regulator output pin. A 2.2 µF capacitor is recommended to minimize the DPI stress in the application.
2. In Active mode, V1 regulator is switched to high accuracy mode, dropping below the ICMP threshold regulator switches to
low accuracy mode.
Table 9. Voltage regulator V1 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com