Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 43 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 39Page - STMicroelectronics L99DZ120 Datasheet HTML 40Page - STMicroelectronics L99DZ120 Datasheet HTML 41Page - STMicroelectronics L99DZ120 Datasheet HTML 42Page - STMicroelectronics L99DZ120 Datasheet HTML 43Page - STMicroelectronics L99DZ120 Datasheet HTML 44Page - STMicroelectronics L99DZ120 Datasheet HTML 45Page - STMicroelectronics L99DZ120 Datasheet HTML 46Page - STMicroelectronics L99DZ120 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 162 page
background image
DocID029145 Rev 4
43/162
L99DZ120
Electrical specifications
161
t0GHxr
Rise time (switch mode)
VS = 13.5 V; VSHx = 0;
RG = 0 Ω; CG = 2.7 nF
45
ns
t0GHxf
Fall time (switch mode)
VS = 13.5 V; VSHx = 0;
RG = 0 Ω; CG = 2.7 nF
85
ns
t0GLxr
Rise time
VS = 13.5 V; VSLx = 0;
RG = 0 Ω; CG = 2.7 nF
45
ns
t0GLxf
Fall time
VS = 13.5 V; VSLx = 0;
RG = 0 Ω; CG = 2.7 nF
85
ns
tccp0001
Programmable cross-current
protection time
500
ns
tccp0010
Programmable cross-current
protection time
750
ns
tccp0011
Programmable cross-current
protection time
1000
ns
tccp0100
Programmable cross-current
protection time
1250
ns
tccp0101
Programmable cross-current
protection time
1500
ns
tccp0110
Programmable cross-current
protection time
1750
ns
tccp0111
Programmable cross-current
protection time
2000
ns
tccp1000
Programmable cross-current
protection time
2250
ns
tccp1001
Programmable cross-current
protection time
2500
ns
tccp1010
Programmable cross-current
protection time
2750
ns
tccp1011
Programmable cross-current
protection time
3000
ns
tccp1100
Programmable cross-current
protection time
3250
ns
tccp1101
Programmable cross-current
protection time
3500
ns
tccp1110
Programmable cross-current
protection time
3750
ns
tccp1111
Programmable cross-current
protection time
4000
ns
fPWMH
PWMH switching frequency
VS = 13.5 V; VSLx = 0;
RG = 0 Ω; CG = 2.7 nF;
PWMH-Duty-Cycle = 50%;
tccp configured as 0001
50
kHz
1.
Table 21. Gate drivers for the external Power-MOS switching times (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com