Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 87 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 83Page - STMicroelectronics L99DZ120 Datasheet HTML 84Page - STMicroelectronics L99DZ120 Datasheet HTML 85Page - STMicroelectronics L99DZ120 Datasheet HTML 86Page - STMicroelectronics L99DZ120 Datasheet HTML 87Page - STMicroelectronics L99DZ120 Datasheet HTML 88Page - STMicroelectronics L99DZ120 Datasheet HTML 89Page - STMicroelectronics L99DZ120 Datasheet HTML 90Page - STMicroelectronics L99DZ120 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 162 page
background image
DocID029145 Rev 4
87/162
L99DZ120
Application information
161
Figure 37. H-bridge GSHx slope
4.25
Resistive low
The resistive output mode protects the devices and the H-bridge in the standby mode and in
some failure modes (thermal shutdown TSD1 (SR 1), charge pump low CP_LOW (SR 2)
and DI pin stuck at ‘1’ SPI_INV_CMD (SR 2)). When a gate driver changes into the resistive
output mode due to a failure a sequence is started. In this sequence the concerning driver is
switched into sink condition for 32 μs to 64 μs to ensure a fast switch-off of the H-bridge
transistor. If slew rate control is enabled, the sink condition is slew-rate controlled.
Afterwards the driver is switched into the resistive output mode (resistive path to source).
4.26
Short circuit detection / drain source monitoring
The Drain - Source voltage of each activated external MOSFET of the H-bridge is monitored
by comparators to detect shorts to ground or battery. If the voltage-drop over the external
MOSFET exceeds the configurable threshold voltage VSCd_HB (DIAG_x (CR 10) for longer
t > tSCd_HB the corresponding gate driver switches off the external MOSFET and the
corresponding drain source monitoring flag DS_MON_x (SR 2) is set. The DSMON_x bits
have to be cleared through the SPI to reactivate the gate drivers. This monitoring is only
active while the corresponding gate driver is activated. If a drain-source monitor event is
detected, the corresponding gate-driver remains activated for at maximum the filter time.
When the gate driver switches on, the drain-source comparator requires the specified
settling time until the drain-source monitoring is valid. During this time, this drain-source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com