Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 36 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 32Page - STMicroelectronics L99DZ120 Datasheet HTML 33Page - STMicroelectronics L99DZ120 Datasheet HTML 34Page - STMicroelectronics L99DZ120 Datasheet HTML 35Page - STMicroelectronics L99DZ120 Datasheet HTML 36Page - STMicroelectronics L99DZ120 Datasheet HTML 37Page - STMicroelectronics L99DZ120 Datasheet HTML 38Page - STMicroelectronics L99DZ120 Datasheet HTML 39Page - STMicroelectronics L99DZ120 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 162 page
background image
Electrical specifications
L99DZ120
36/162
DocID029145 Rev 4
rON OUT8
On-resistance to supply in
low resistance mode
VS = 13.5 V; Tj = 25 °C;
IOUT8 = -0.4 A
800
mΩ
VS = 13.5 V; Tj = 130 °C; 
IOUT8 = -0.4 A
1600
mΩ
On-resistance to supply in
high resistance mode
VS = 13.5 V; Tj = 25 °C; 
IOUT8 = -0.2 A
1600
mΩ
VS = 13.5 V; Tj = 130 °C; 
IOUT8 = -0.2 A
3200
mΩ
rON OUT9,10,13,14 On-resistance to supply
VS = 13.5 V; Tj = 25 °C;
IOUT9,10,13,14 = -75 mA
2000
mΩ
VS = 13.5 V; Tj = 130 °C;
IOUT9,10,13,14 = -75 mA
4000
mΩ
rON OUT11,12,15, HS On-resistance to supply
VS = 13.5 V; Tj = 25 °C;
IOUT11,12,15, HS = -75 mA
5
Ω
VS = 13.5 V; Tj = 130 °C;
IOUT11,12,15, HS = -75 mA
10
Ω
IQLH
Switched-off output current
high-side drivers of OUT7-
15, OUT_HS
VOUT = 0 V; standby mode
-5
µA
VOUT = 0 V; active mode
-10
µA
IQLH
Switched-off output current
high-side drivers of OUT1-6
VOUT = 0 V; standby mode
-5
µA
VOUT = 0 V; Active mode
-100
µA
IQLL
Switched-off output current
low-side drivers of OUT1-6
VOUT = VS; standby mode
165
µA
VOUT = VS - 0.5 V; active
mode
-100
µA
Table 15. Outputs OUT1 - OUT15, OUT_HS (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com