Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 91 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 87Page - STMicroelectronics L99DZ120 Datasheet HTML 88Page - STMicroelectronics L99DZ120 Datasheet HTML 89Page - STMicroelectronics L99DZ120 Datasheet HTML 90Page - STMicroelectronics L99DZ120 Datasheet HTML 91Page - STMicroelectronics L99DZ120 Datasheet HTML 92Page - STMicroelectronics L99DZ120 Datasheet HTML 93Page - STMicroelectronics L99DZ120 Datasheet HTML 94Page - STMicroelectronics L99DZ120 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 162 page
background image
DocID029145 Rev 4
91/162
L99DZ120
Application information
161
4.28
Programmable cross current protection
The external PowerMOSFETs transistors in H-bridge (two half-bridges) configuration are
switched on with an additional delay time tCCP to prevent cross current in the halfbridge. The
cross current protection time tCCP can be programmed with the SPI bits COPT_x<3:0>
(CR 10). The timer is started when the gate driver is switched on in the device.
The PWMH module has 2 timers to configure locking time for high-side and freewheeling
low-side. The programmable time tCCP-TIM1 / tCCP-TIM2 is the same. Sequence for switching
in PWM mode is the following:
HS switch off after locking tCCP-TIM1
LS switch on after 2nd locking tCCP-TIM1
HS switch on after locking tCCP-TIM2 which starts with rising edge on PWM input
Figure 43. PWMH cross current protection time implementation
4.29
Power window H-bridge safety switch off block
The two LS Switches LS1_FSO and LS2_FSO are intended to be used to switch off the
gates of the external high-side MOSFETs in the power window h-bridge if a fatal error
happens. This block must work also in case the MOSFET driver and the according control
blocks on the chip are destroyed. Therefore it is necessary to have a complete separated
safety block on the device, which has it’s own supply and GND connection, separated from
the other supplies and GNDs. In the block is implemented an own voltage regulator and
oscillator.
8
0
1
0
1
1
Short to GND
9
0
1
1
1
1
Short to VS
Table 50. H-bridge monitoring in off-mode (continued)
Control bits
Failure bits
Comments
Nb OL H1L2 OL H2L1 H OLTH High DSMON LS1 DSMON LS2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com