Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 27Page - STMicroelectronics L99DZ120 Datasheet HTML 28Page - STMicroelectronics L99DZ120 Datasheet HTML 29Page - STMicroelectronics L99DZ120 Datasheet HTML 30Page - STMicroelectronics L99DZ120 Datasheet HTML 31Page - STMicroelectronics L99DZ120 Datasheet HTML 32Page - STMicroelectronics L99DZ120 Datasheet HTML 33Page - STMicroelectronics L99DZ120 Datasheet HTML 34Page - STMicroelectronics L99DZ120 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 162 page
background image
DocID029145 Rev 4
31/162
L99DZ120
Electrical specifications
161
3.4.7
Watchdog timing
4.5 V ≤ VSREG ≤ 28 V; Tj = -40 °C to 150 °C, unless otherwise specified.
Table 12. Watchdog timing
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tLW
Long open window
160
200
240
ms
TEFW1 Early Failure Window 1
4.5
ms
TLFW1
Late Failure Window 1
20
ms
TSW1
Safe Window 1
7.5
12
ms
TEFW2 Early Failure Window 2
22.3
ms
TLFW2
Late Failure Window 2
100
ms
TSW2
Safe Window 2
37.5
60
ms
TEFW3 Early Failure Window 3
45
ms
TLFW3
Late Failure Window 3
200
ms
TSW3
Safe Window 3
75
120
ms
TEFW4 Early Failure Window 4
90
ms
TLFW4
Late Failure Window 4
400
ms
TSW4
Safe Window 4
150
240
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com