Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 85 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 81Page - STMicroelectronics L99DZ120 Datasheet HTML 82Page - STMicroelectronics L99DZ120 Datasheet HTML 83Page - STMicroelectronics L99DZ120 Datasheet HTML 84Page - STMicroelectronics L99DZ120 Datasheet HTML 85Page - STMicroelectronics L99DZ120 Datasheet HTML 86Page - STMicroelectronics L99DZ120 Datasheet HTML 87Page - STMicroelectronics L99DZ120 Datasheet HTML 88Page - STMicroelectronics L99DZ120 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 162 page
background image
DocID029145 Rev 4
85/162
L99DZ120
Application information
161
Figure 36. Overcurrent recovery mode
4.23
H-bridge control
The PWMH and DIRH inputs control the drivers of the external H-bridge transistors. In
single Motor mode the motor direction can be chosen with the direction input (DIRH), the
duty cycle(a) and frequency with the PWMH input (single mode). With the SPI bits SD (CR
10) and SDS (CR 10) four different slow-decay modes (via drivers and via diode) can be
selected using the high-side or the low-side transistors. Unconnected inputs are defined by
internal pull-down current.
a. If tccp is programmed to 4 µs and frequency to 50 kHz, max duty cycle achievable is 92%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com