Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 83 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 79Page - STMicroelectronics L99DZ120 Datasheet HTML 80Page - STMicroelectronics L99DZ120 Datasheet HTML 81Page - STMicroelectronics L99DZ120 Datasheet HTML 82Page - STMicroelectronics L99DZ120 Datasheet HTML 83Page - STMicroelectronics L99DZ120 Datasheet HTML 84Page - STMicroelectronics L99DZ120 Datasheet HTML 85Page - STMicroelectronics L99DZ120 Datasheet HTML 86Page - STMicroelectronics L99DZ120 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 162 page
background image
DocID029145 Rev 4
83/162
L99DZ120
Application information
161
4.22
Programmable soft-start function to drive loads with higher
inrush current
Loads with start-up currents higher than the overcurrent limits (e.g. inrush current of lamps,
start current of motors) can be driven by using the programmable soft-start function (i.e.
overcurrent recovery mode). Each driver has a corresponding overcurrent recovery bit
OUTx_OCR (CR 7). If this bit is set, the device automatically switches the outputs on again
after a programmable recovery time. The PWM modulated current will provide sufficient
average current to power up the load (e.g. heat up the bulb) until the load reaches operating
condition.
The PWM frequency is defined by setting OCR_FREQ (CR7).
The device itself cannot distinguish between a real overload (e.g. short-circuit condition) and
a load characterized by operation currents exceeding the short-circuit threshold.
Examples are non-linear loads like a light bulb used on the HS outputs or a motor used on
the half bridge output with inrush and stall currents that shall be limited by the auto recovery
feature.
For the bulb, a real overload condition can only be qualified by time. For overload detection
the microcontroller can switch on the light bulbs by setting the overcurrent recovery bit for
the first e.g. 50 ms. After clearing the recovery bit, the output will be switched off
automatically if the overload condition remains.
For the half bridges the high current can be present during all motor activation and another
SW strategy must be applied to identify a SC to GND or Supply. Before running the motor
e.g. with a first SPI command all bridges LS are switched on (without auto recovery
functionality / cleared overcurrent recovery bit), all HS are switched off and a SC to Battery
can be diagnosed. With a next SPI command, all HS are switched on (without auto recovery
functionality/ cleared overcurrent recovery bit) and all LS are switched off. In this sequence,
a short to GND can be diagnosed. If in both sequences no overload condition is identified,
the motor can be run by switching on the relevant HS and LS each configured in auto
recovery mode (see Figure 35). Such sequence can be applied before any motor activation
to identify SC just before operating the motor (in case the delay due to the 2 additional SPI
commands is not limiting the application) or in case of power up of the system resp. applied
on a certain time base.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com