Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 8Page - STMicroelectronics L99DZ120 Datasheet HTML 9Page - STMicroelectronics L99DZ120 Datasheet HTML 10Page - STMicroelectronics L99DZ120 Datasheet HTML 11Page - STMicroelectronics L99DZ120 Datasheet HTML 12Page - STMicroelectronics L99DZ120 Datasheet HTML 13Page - STMicroelectronics L99DZ120 Datasheet HTML 14Page - STMicroelectronics L99DZ120 Datasheet HTML 15Page - STMicroelectronics L99DZ120 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 162 page
background image
Description
L99DZ120
12/162
DocID029145 Rev 4
1
Description
The L99DZ120 is a door zone systems IC providing electronic control modules with
enhanced power management power supply functionality, including various standby modes,
as well as LIN physical communication layers.
The two low-drop voltage regulators of the devices supply the system microcontroller and
external peripheral loads such as sensors and provide enhanced system standby
functionality with programmable local and remote wake-up capability. In addition 8 high-side
drivers to supply LEDs, 2 high-side drivers to supply bulbs increase the system integration
level.
Up to 3 DC motors and 4 external MOS transistors in H-bridge configuration can be driven.
All outputs are SC protected and implement an open-load diagnosis.
The ST standard SPI interface (4.0) allows control and diagnosis of the device and enables
generic software development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com