Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 55 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 51Page - STMicroelectronics L99DZ120 Datasheet HTML 52Page - STMicroelectronics L99DZ120 Datasheet HTML 53Page - STMicroelectronics L99DZ120 Datasheet HTML 54Page - STMicroelectronics L99DZ120 Datasheet HTML 55Page - STMicroelectronics L99DZ120 Datasheet HTML 56Page - STMicroelectronics L99DZ120 Datasheet HTML 57Page - STMicroelectronics L99DZ120 Datasheet HTML 58Page - STMicroelectronics L99DZ120 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 162 page
background image
DocID029145 Rev 4
55/162
L99DZ120
Electrical specifications
161
3.4.28
Timer1 and Timer2
6 V ≤ VSREG ≤ 18 V; Tj = -40 °C to 150 °C
Figure 17. SPI – transfer timing diagram
The SPI can be driven by a micro controller with its SPI peripheral running in the following
mode:
CPOL = 0 and CPHA = 0.
For this mode input data is sampled by the low to high transition of the clock CLK, and
output data is changed from the high to low transition of CLK.
Table 42. Timer1 and Timer2
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
ton 1
Timer on time
0.1
ms
ton 2
Timer on time
0.3
ms
ton 3
Timer on time
1
ms
ton 4
Timer on time
10
ms
ton 5
Timer on time
20
ms
T1
Timer period
10
ms
T2
Timer period
20
ms
T3
Timer period
50
ms
T4
Timer period
100
ms
T5
Timer period
200
ms
T6
Timer period
500
ms
T7
Timer period
1000
ms
T8
Timer period
2000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com