Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L99DZ120 Datasheet(PDF) 71 Page - STMicroelectronics

Part # L99DZ120
Description  Automotive door actuator driver with embedded LIN
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ120 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L99DZ120 Datasheet HTML 67Page - STMicroelectronics L99DZ120 Datasheet HTML 68Page - STMicroelectronics L99DZ120 Datasheet HTML 69Page - STMicroelectronics L99DZ120 Datasheet HTML 70Page - STMicroelectronics L99DZ120 Datasheet HTML 71Page - STMicroelectronics L99DZ120 Datasheet HTML 72Page - STMicroelectronics L99DZ120 Datasheet HTML 73Page - STMicroelectronics L99DZ120 Datasheet HTML 74Page - STMicroelectronics L99DZ120 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 162 page
background image
DocID029145 Rev 4
71/162
L99DZ120
Application information
161
4.8
Reset output (NReset)
Figure 28. NReset pin
If V1 is turned on and the voltage exceeds the V1 reset threshold, the reset output NReset is
pulled up to V1 by an internal pull-up resistor after a reset delay time (tV1R). This is
necessary for a defined start of the micro controller when the application is switched on.
Since the NReset output is realized as an open drain output it is also possible to connect an
external NReset open drain NReset source to the output. As soon as the NReset is released
by the devices the watchdog starts with a long open window.
A reset pulse is generated in case of:
V1 drops below VRTxfalling (configurable by SPI) for t > tUV1
Watchdog failure
Turn-on of the V1 regulator (VSREG Power-on or wake-up from Vbat_standby mode)
4.9
LIN Bus Interface
Figure 29. RxDL pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com