Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 313 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 313 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 309Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 310Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 311Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 312Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 313Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 314Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 315Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 316Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 317Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 440 page
background image
Serial Peripheral Interface Module (SPI)
I/O Registers
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
313
15.13 I/O Registers
Three registers control and monitor SPI operation:
•
SPI control register (SPCR)
•
SPI status and control register (SPSCR)
•
SPI data register (SPDR)
15.13.1 SPI Control Register
The SPI control register:
•
Enables SPI module interrupt requests
•
Configures the SPI module as master or slave
•
Selects serial clock polarity and phase
•
Configures the SPSCK, MOSI, and MISO pins as open-drain
outputs
•
Enables the SPI module
SPRIE — SPI Receiver Interrupt Enable Bit
This read/write bit enables CPU interrupt requests generated by the
SPRF bit. The SPRF bit is set when a byte transfers from the shift
register to the receive data register. Reset clears the SPRIE bit.
1 = SPRF CPU interrupt requests enabled
0 = SPRF CPU interrupt requests disabled
Address: $0010
Bit 7
654321
Bit 0
Read:
SPRIE
R
SPMSTR
CPOL
CPHA
SPWOM
SPE
SPTIE
Write:
Reset:
00101000
= Unimplemented
R
= Reserved
Figure 15-13. SPI Control Register (SPCR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com