Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 55 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 55 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 51Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 52Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 53Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 54Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 55Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 56Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 57Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 58Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 59Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 440 page
background image
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
55
Data Sheet – MC68HC908AP Family
Section 4. FLASH Memory
4.1 Introduction
This section describes the operation of the embedded FLASH memory.
This memory can be read, programmed, and erased from a single
external supply. The program and erase operations are enabled through
the use of an internal charge pump.
Device
FLASH Memory Size
(Bytes)
Memory Address Range
MC68HC908AP64
62,368
$0860—$FBFF
MC68HC908AP32
32,768
$0860—$885F
MC68HC908AP16
16,384
$0860—$485F
MC68HC908AP8
8,192
$0860—$285F
Addr.
Register Name
Bit 7
654321
Bit 0
$FE08
FLASH Control Register
(FLCR)
Read:
0000
HVEN
MASS
ERASE
PGM
Write:
Reset:
00000000
$FE09
FLASH Block Protect
Register
(FLBPR)
Read:
BPR7
BPR6
BPR5
BPR4
BPR3
BPR2
BPR1
BPR0
Write:
Reset:
00000000
= Unimplemented
Figure 4-1. FLASH I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com