Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 99 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 99 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 95Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 96Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 97Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 98Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 99Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 100Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 101Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 102Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 103Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 440 page
background image
Oscillator (OSC)
Oscillator During Break Mode
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
99
7.7.1 Wait Mode
The WAIT instruction has no effect on the oscillator module. CGMXCLK
continues to drive to the clock generator module, and OSCCLK
continues to drive the timebase module.
7.7.2 Stop Mode
The STOP instruction disables the x-tal or the RC oscillator circuit, and
hence the CGMXCLK clock stops running. For continuous x-tal or RC
oscillator operation in stop mode, set the STOP_XCLKEN (for x-tal) or
STOP_RCLKEN (for RC) bit to logic 1 before entering stop mode.
The internal oscillator clock continues operation in stop mode. It can be
disabled by setting the STOP_ICLKDIS bit to logic 1 before entering stop
mode.
7.8 Oscillator During Break Mode
The oscillator continues to drive CGMXCLK when the device enters the
break state.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com