Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 61 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 61 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 57Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 58Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 59Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 60Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 61Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 62Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 63Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 64Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 65Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 440 page
background image
FLASH Memory
FLASH Program Operation
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
61
Figure 4-3. FLASH Programming Flowchart
Set HVEN bit
Write any data to any FLASH address
within the row address range desired
Wait for a time, tnvs
Set PGM bit
Wait for a time, tpgs
Write data to the FLASH address
to be programmed
Wait for a time, tprog
Clear PGM bit
Wait for a time, tnvh
Clear HVEN bit
Wait for a time, trcv
Completed
programming
this row?
Y
N
End of Programming
The time between each FLASH address change (step 6 to step 6), or
must not exceed the maximum programming
time, tPROG max.
the time between the last FLASH address programmed
to clearing PGM bit (step 6 to step 9)
NOTE:
1
2
3
4
5
6
7
9
10
11
12
Algorithm for programming
a row (64 bytes) of FLASH memory
This row program algorithm assumes the row/s
to be programmed are initially erased.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com