Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 98 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 98 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 94Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 95Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 96Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 97Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 98Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 99Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 100Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 101Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 102Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 440 page
background image
Oscillator (OSC)
Data Sheet
MC68HC908AP Family — Rev. 2.5
98
MOTOROLA
7.6.2 Crystal Amplifier Output Pin (OSC2)
When the x-tal oscillator is selected, OSC2 pin is the output of the crystal
oscillator inverting amplifier.
When the RC oscillator or internal oscillator is selected, OSC2 pin is the
output of the internal bus clock.
7.6.3 Oscillator Enable Signal (SIMOSCEN)
The SIMOSCEN signal from the system integration module (SIM)
enables/disables the x-tal oscillator, the RC-oscillator, or the internal
oscillator circuit.
7.6.4 CGM Oscillator Clock (CGMXCLK)
The CGMXCLK clock is output from the x-tal oscillator, RC oscillator or
the internal oscillator. This clock drives to CGM and other MCU sub-
systems.
7.6.5 CGM Reference Clock (CGMRCLK)
This is buffered signal of CGMXCLK, it is used by the CGM as the
phase-locked-loop (PLL) reference clock.
7.6.6 Oscillator Clock to Time Base Module (OSCCLK)
The OSCCLK is the reference clock that drives the timebase module.
See Section 12. Timebase Module (TBM).
7.7 Low Power Modes
The WAIT and STOP instructions put the MCU in low-power
consumption standby modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com