Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 83 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 83 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 79Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 80Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 81Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 82Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 83Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 84Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 85Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 86Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 87Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 440 page
background image
Central Processor Unit (CPU)
Opcode Map
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
83
BRCLR n,opr,rel Branch if Bit n in M Clear
PC
← (PC) + 3 + rel ? (Mn) = 0
––– ––
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN rel
Branch Never
PC
← (PC) + 2
––– ––– REL
21
rr
3
BRSET n,opr,rel Branch if Bit n in M Set
PC
← (PC) + 3 + rel ? (Mn) = 1
––– ––
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET n,opr
Set Bit n in M
Mn
← 1
––– –––
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
4
4
4
4
4
4
4
4
BSR rel
Branch to Subroutine
PC
← (PC) + 2; push (PCL)
SP
← (SP) – 1; push (PCH)
SP
← (SP) – 1
PC
← (PC) + rel
––– ––– REL
AD
rr
4
CBEQ opr,rel
CBEQA #opr,rel
CBEQX #opr,rel
CBEQ opr,X+,rel
CBEQ X+,rel
CBEQ opr,SP,rel
Compare and Branch if Equal
PC
← (PC) + 3 + rel ? (A) – (M) = $00
PC
← (PC) + 3 + rel ? (A) – (M) = $00
PC
← (PC) + 3 + rel ? (X) – (M) = $00
PC
← (PC) + 3 + rel ? (A) – (M) = $00
PC
← (PC) + 2 + rel ? (A) – (M) = $00
PC
← (PC) + 4 + rel ? (A) – (M) = $00
––– –––
DIR
IMM
IMM
IX1+
IX+
SP1
31
41
51
61
71
9E61
dd rr
ii rr
ii rr
ff rr
rr
ff rr
5
4
4
5
4
6
CLC
Clear Carry Bit
C
← 0
––– ––0 INH
98
1
CLI
Clear Interrupt Mask
I
← 0
––0 ––– INH
9A
2
CLR opr
CLRA
CLRX
CLRH
CLR opr,X
CLR ,X
CLR opr,SP
Clear
M
← $00
A
← $00
X
← $00
H
← $00
M
← $00
M
← $00
M
← $00
0–– 01–
DIR
INH
INH
INH
IX1
IX
SP1
3F
4F
5F
8C
6F
7F
9E6F
dd
ff
ff
3
1
1
1
3
2
4
Table 6-1. Instruction Set Summary (Sheet 3 of 8)
Source
Form
Operation
Description
Effect on
CCR
VH I N Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com