Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 56 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 56 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 52Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 53Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 54Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 55Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 56Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 57Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 58Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 59Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 60Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 440 page
background image
FLASH Memory
Data Sheet
MC68HC908AP Family — Rev. 2.5
56
MOTOROLA
4.2 Functional Description
The FLASH memory consists of an array of 62,368 bytes for user
memory plus a block of 48 bytes for user interrupt vectors and one byte
for the mask option register. An erased bit reads as logic 1 and a
programmed bit reads as a logic 0. The FLASH memory page size is
defined as 512 bytes, and is the minimum size that can be erased in a
page erase operation. Program and erase operations are facilitated
through control bits in FLASH control register (FLCR). The address
ranges for the FLASH memory are:
•
$0860–$FBFF; user memory, 62,368 bytes
•
$FFD0–$FFFF; user interrupt vectors, 48 bytes
•
$FFCF; mask option register
Programming tools are available from Motorola. Contact your local
Motorola representative for more information.
NOTE:
A security feature prevents viewing of the FLASH contents.1
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the FLASH difficult for unauthorized users.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com