Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 63 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 63 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 59Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 60Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 61Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 62Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 63Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 64Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 65Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 66Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 67Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 440 page
background image
FLASH Memory
FLASH Protection
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
63
BPR0 is used only for BPR[7:0] = $FF, for no block protection.
The resultant 16-bit address is used for specifying the start address
of the FLASH memory for block protection. The FLASH is protected
from this start address to the end of FLASH memory, at $FFFF. With
this mechanism, the protect start address can be X000, X200, X400,
X0600, X800, XA00, XC00, or XE00 (at page boundaries — 512
bytes) within the FLASH memory.
Examples of protect start address:
Table 4-1 FLASH Block Protect Range
BPR[7:0]
Protected Range
$00 to $09
The entire FLASH memory is protected.
$0A or $0B
(0000 101x)
$0A00 to $FFFF
$0C or $0D
(0000 110x)
$0C00 to $FFFF
and so on...
$FA or $FB
(1111 1101x)
$FA00 to $FFFF
$FC or $FD or $FE
$FFCF to $FFFF
$FF
The entire FLASH memory is NOT protected.(1)
Notes:
1. Except for the mask option register ($FFCF) and
the 48-byte user vectors ($FFD0–$FFFF). These FLASH locations are always protected.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com