Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 25 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 25 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 21Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 22Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 23Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 24Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 25Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 26Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 27Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 28Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 29Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 440 page
background image
General Description
MCU Block Diagram
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
25
•
Master reset pin (with integrated pullup) and power-on reset
•
System protection features
–
Optional computer operating properly (COP) reset, driven by
internal RC oscillator
–
Low-voltage detection with optional reset or interrupt
–
Illegal opcode detection with reset
–
Illegal address detection with reset
•
48-pin low quad flat pack (LQFP), 44-pin quad flat pack (QFP),
and 42-pin shrink dual-in-line package (SDIP)
•
Specific features of the MC68HC908AP64 in 42-pin SDIP are:
–
30 general-purpose l/Os only
–
External interrupt on IRQ1 only
Features of the CPU08 include the following:
•
Enhanced HC05 programming model
•
Extensive loop control functions
•
16 addressing modes (eight more than the HC05)
•
16-bit Index register and stack pointer
•
Memory-to-memory data transfers
•
Fast 8
× 8 multiply instruction
•
Fast 16/8 divide instruction
•
Binary-coded decimal (BCD) instructions
•
Optimization for controller applications
•
Efficient C language support
1.3 MCU Block Diagram
Figure 1-1 shows the structure of the MC68HC908AP64.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com