Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 70 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 70 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 66Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 67Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 68Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 69Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 70Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 71Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 72Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 73Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 74Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 440 page
background image
Configuration & Mask Option Registers
Data Sheet
MC68HC908AP Family — Rev. 2.5
70
MOTOROLA
STOP_XCLKEN — X-tal Oscillator Stop Mode Enable Bit
STOP_XCLKEN enables the crystal (x-tal) oscillator to continue
operating during stop mode. Setting the STOP_XCLKEN bit allows
the x-tal oscillator to operate continuously even during stop mode.
This is useful for driving the timebase module to allow it to generate
periodic wake up while in stop mode. (See Section 7. Oscillator
(OSC).) Reset clears this bit.
1 = X-tal oscillator enabled to operate during stop mode
0 = X-tal oscillator disabled during stop mode
OSCCLK1, OSCCLK0 — Oscillator Output Control Bits
OSCCLK1 and OSCCLK0 select which oscillator output to be driven
out as OSCCLK to the timebase module (TBM). Reset clears these
two bits.
SCIBDSRC — SCI Baud Rate Clock Source
SCIBDSRC selects the clock source used for the standard SCI
module (non-infrared SCI). The setting of this bit affects the frequency
at which the SCI operates.
1 = Internal data bus clock, fBUS, is used as clock source for SCI
0 = Oscillator clock, CGMXCLK, is used as clock source for SCI
OSCCLK1
OSCCLK0
Timebase Clock Source
0
0
Internal oscillator (ICLK)
0
1
RC oscillator (RCCLK)
1
0
X-tal oscillator (XTAL)
1
1
Not used
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com