Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 93 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 93 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 89Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 90Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 91Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 92Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 93Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 94Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 95Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 96Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 97Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 440 page
background image
Oscillator (OSC)
Clock Selection
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
93
7.2.1 CGM Reference Clock Selection
The clock generator module (CGM) reference clock (CGMXCLK) is the
reference clock input to the MCU. It is selected by programming two bits
in a FLASH memory location; the mask option register (MOR), at
$FFCF. See 5.5 Mask Option Register (MOR).
The internal oscillator is a free running oscillator and is available after
each POR or reset. It is turned-off in stop mode by setting the
STOP_ICLKDIS bit in CONFIG2.
Address:
$FFCF
Bit 7
654321
Bit 0
Read:
OSCSEL1 OSCSEL0
RRRRRR
Write:
Reset:
Unaffected by reset
Erased:
11111111
R= Reserved
Figure 7-2. Mask Option Register (MOR)
Table 7-1. CGMXCLK Clock Selection
OSCSEL1
OSCSEL0
CGMXCLK
OSC2 Pin
Comments
0
0
—
—
Not used
01
ICLK
fBUS
Internal oscillator generates the CGMXCLK.
1
0
RCCLK
fBUS
RC oscillator generates the CGMXCLK.
Internal oscillator is available after each POR
or reset.
11
XCLK
Inverting
output of
X-TAL
X-tal oscillator generates the CGMXCLK.
Internal oscillator is available after each POR
or reset.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com