Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 95 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 95 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 91Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 92Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 93Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 94Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 95Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 96Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 97Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 98Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 99Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 440 page
background image
Oscillator (OSC)
RC Oscillator
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
95
The internal oscillator by default is always available and is free running
after POR or reset. It can be turned-off in stop mode by setting the
STOP_ICLKDIS bit before executing the STOP instruction.
Figure 7-4 shows the logical representation of components of the
internal oscillator circuitry.
Figure 7-4. Internal Oscillator
7.4 RC Oscillator
The RC oscillator circuit is designed for use with an external resistor and
a capacitor.
In its typical configuration, the RC oscillator requires two external
components, one R and one C. Component values should have a
tolerance of 1% or less, to obtain a clock source with less than 10%
tolerance. The oscillator configuration uses two components:
•CEXT
•REXT
INTERNAL OSCILLATOR
EN
SIMOSCEN
STOP_ICLKDIS
CONFIG2
ICLK
MCU
From SIM
To Clock Selection MUX
BUS CLOCK
From SIM
OSC2
and COP
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com