Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 101 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 101 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 97Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 98Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 99Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 100Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 101Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 102Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 103Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 104Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 105Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 440 page
background image
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
101
Data Sheet – MC68HC908AP Family
Section 8. Clock Generator Module (CGM)
8.1 Introduction
This section describes the clock generator module (CGM). The CGM
generates the base clock signal, CGMOUT, which is based on either the
oscillator clock divided by two or the divided phase-locked loop (PLL)
clock, CGMPCLK, divided by two. CGMOUT is the clock from which the
SIM derives the system clocks, including the bus clock, which is at a
frequency of CGMOUT÷2.
The PLL is a frequency generator designed for use with a low frequency
crystal (typically 32.768kHz) to generate a base frequency and dividing
to a maximum bus frequency of 8MHz.
8.2 Features
Features of the CGM include:
•
Phase-locked loop with output frequency in integer multiples of an
integer dividend of the crystal reference
•
Low-frequency crystal operation with low-power operation and
high-output frequency resolution
•
Programmable prescaler for power-of-two increases in frequency
•
Programmable hardware voltage-controlled oscillator (VCO) for
low-jitter operation
•
Automatic bandwidth control mode for low-jitter operation
•
Automatic frequency lock detector
•
CPU interrupt on entry or exit from locked condition
•
Configuration register bit to allow oscillator operation during stop
mode
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com