Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 104 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 104 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 100Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 101Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 102Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 103Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 104Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 105Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 106Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 107Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 108Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 440 page
background image
Clock Generator Module (CGM)
Data Sheet
MC68HC908AP Family — Rev. 2.5
104
MOTOROLA
Addr.
Register Name
Bit 7
654321
Bit 0
$0036
PLL Control Register
(PTCL)
Read:
PLLIE
PLLF
PLLON
BCS
PRE1
PRE0
VPR1
VPR0
Write:
Reset:
00100000
$0037
PLL Bandwidth Control
Register
(PBWC)
Read:
AUTO
LOCK
ACQ
0000
R
Write:
Reset:
0000000
$0038
PLL Multiplier Select
Register High
(PMSH)
Read:
0000
MUL11
MUL10
MUL9
MUL8
Write:
Reset:
00000000
$0039
PLL Multiplier Select
Register Low
(PMSL)
Read:
MUL7
MUL6
MUL5
MUL4
MUL3
MUL2
MUL1
MUL0
Write:
Reset:
01000000
$003A
PLL VCO Range Select
Register
(PMRS)
Read:
VRS7
VRS6
VRS5
VRS4
VRS3
VRS2
VRS1
VRS0
Write:
Reset:
01000000
$003B
PLL Reference Divider
Select Register
(PMDS)
Read:
0000
RDS3
RDS2
RDS1
RDS0
Write:
Reset:
0
00
0
0001
= Unimplemented
R
= Reserved
NOTES:
1. When AUTO = 0, PLLIE is forced clear and is read-only.
2. When AUTO = 0, PLLF and LOCK read as clear.
3. When AUTO = 1, ACQ is read-only.
4. When PLLON = 0 or VRS7:VRS0 = $0, BCS is forced clear and is read-only.
5. When PLLON = 1, the PLL programming register is read-only.
6. When BCS = 1, PLLON is forced set and is read-only.
Figure 8-2. CGM I/O Register Summary
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com