Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 108 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 108 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 104Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 105Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 106Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 107Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 108Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 109Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 110Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 111Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 112Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 440 page
background image
Clock Generator Module (CGM)
Data Sheet
MC68HC908AP Family — Rev. 2.5
108
MOTOROLA
The following conditions apply when the PLL is in automatic bandwidth
control mode:
•
The ACQ bit (See 8.5.2 PLL Bandwidth Control Register.) is a
read-only indicator of the mode of the filter. (See 8.3.4
Acquisition and Tracking Modes.)
•
The ACQ bit is set when the VCO frequency is within a certain
tolerance and is cleared when the VCO frequency is out of a
certain tolerance. (See 8.8 Acquisition/Lock Time
Specifications for more information.)
•
The LOCK bit is a read-only indicator of the locked state of the
PLL.
•
The LOCK bit is set when the VCO frequency is within a certain
tolerance and is cleared when the VCO frequency is out of a
certain tolerance. (See 8.8 Acquisition/Lock Time
Specifications for more information.)
•
CPU interrupts can occur if enabled (PLLIE = 1) when the PLL’s
lock condition changes, toggling the LOCK bit. (See 8.5.1 PLL
Control Register.)
The PLL also may operate in manual mode (AUTO = 0). Manual mode
is used by systems that do not require an indicator of the lock condition
for proper operation. Such systems typically operate well below
fBUSMAX.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com