Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 111 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 111 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 107Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 108Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 109Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 110Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 111Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 112Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 113Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 114Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 115Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 440 page
background image
Clock Generator Module (CGM)
Functional Description
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
111
5. Select the VCO’s power-of-two range multiplier E, according to
this table:
6. Select a VCO linear range multiplier, L, where fNOM = 125kHz
7. Calculate and verify the adequacy of the VCO programmed
center-of-range frequency, fVRS. The center-of-range frequency is
the midpoint between the minimum and maximum frequencies
attainable by the PLL.
For proper operation,
8. Verify the choice of P, R, N, E, and L by comparing fVCLK to fVRS
and fVCLKDES. For proper operation, fVCLK must be within the
application’s tolerance of fVCLKDES, and fVRS must be as close as
possible to fVCLK.
NOTE:
Exceeding the recommended maximum bus frequency or VCO
frequency can crash the MCU.
Frequency Range
E
0 < fVCLK < 9,830,400
0
9,830,400
≤ f
VCLK < 19,660,800
1
19,660,800
≤ f
VCLK < 39,321,600
2
NOTE: Do not program E to a value of 3.
L
round
f
VCLK
2
E
f
NOM
×
--------------------------
⎝⎠
⎜⎟
⎛⎞
=
f
VRS
L2
E
×
()f
NOM
=
f
VRS
f
VCLK
–
f
NOM
2
E
×
2
--------------------------
≤
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com