Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 112 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 112 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 108Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 109Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 110Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 111Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 112Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 113Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 114Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 115Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 116Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 440 page
background image
Clock Generator Module (CGM)
Data Sheet
MC68HC908AP Family — Rev. 2.5
112
MOTOROLA
9. Program the PLL registers accordingly:
a. In the PRE bits of the PLL control register (PCTL), program
the binary equivalent of P.
b. In the VPR bits of the PLL control register (PCTL), program
the binary equivalent of E.
c. In the PLL multiplier select register low (PMSL) and the PLL
multiplier select register high (PMSH), program the binary
equivalent of N.
d. In the PLL VCO range select register (PMRS), program the
binary coded equivalent of L.
e. In the PLL reference divider select register (PMDS), program
the binary coded equivalent of R.
NOTE:
The values for P, E, N, L, and R can only be programmed when the PLL
is off (PLLON = 0).
Table 8-1 provides numeric examples (numbers are in hexadecimal
notation):
Table 8-1. Numeric Examples
CGMVCLK
CGMPCLK
fBUS
fRCLK
RN
P
E
L
8.0 MHz
8.0 MHz
2.0 MHz
32.768 kHz
1
F5
0
0
40
9.8304 MHz
9.8304 MHz
2.4576 MHz
32.768 kHz
1
12C
0
1
27
10.0 MHz
10.0 MHz
2.5 MHz
32.768 kHz
1
132
0
1
28
16 MHz
16 MHz
4.0 MHz
32.768 kHz
1
1E9
0
1
40
19.6608 MHz
19.6608 MHz
4.9152 MHz
32.768 kHz
1
258
0
2
27
20 MHz
20 MHz
5.0 MHz
32.768 kHz
1
263
0
2
28
29.4912 MHz
29.4912 MHz
7.3728 MHz
32.768 kHz
1
384
0
2
3B
32 MHz
32 MHz
8.0 MHz
32.768 kHz
1
3D1
0
2
40
32 MHz
16 MHz
4.0 MHz
32.768 kHz
1
1E9
1
2
40
32 MHz
8 MHz
2.0 MHz
32.768 kHz
1
F5
2
2
40
32 MHz
4 MHz
1.0 MHz
32.768 kHz
1
7B
3
2
40
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com