Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 116 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 116 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 112Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 113Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 114Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 115Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 116Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 117Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 118Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 119Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 120Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 440 page
background image
Clock Generator Module (CGM)
Data Sheet
MC68HC908AP Family — Rev. 2.5
116
MOTOROLA
8.4.6 CGM VCO Clock Output (CGMVCLK)
CGMVCLK is the clock output from the VCO.
8.4.7 CGM Base Clock Output (CGMOUT)
CGMOUT is the clock output of the CGM. This signal goes to the SIM,
which generates the MCU clocks. CGMOUT is a 50 percent duty cycle
clock running at twice the bus frequency. CGMOUT is software
programmable to be either the oscillator output, CGMXCLK, divided by
two or the divided VCO clock, CGMPCLK, divided by two.
8.4.8 CGM CPU Interrupt (CGMINT)
CGMINT is the interrupt signal generated by the PLL lock detector.
8.5 CGM Registers
The following registers control and monitor operation of the CGM:
•
PLL control register (PCTL)
(See 8.5.1 PLL Control Register.)
•
PLL bandwidth control register (PBWC)
(See 8.5.2 PLL Bandwidth Control Register.)
•
PLL multiplier select registers (PMSH and PMSL)
(See 8.5.3 PLL Multiplier Select Registers.)
•
PLL VCO range select register (PMRS)
(See 8.5.4 PLL VCO Range Select Register.)
•
PLL reference divider select register (PMDS)
(See 8.5.5 PLL Reference Divider Select Register.)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com