Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 170 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 170 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 166Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 167Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 168Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 169Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 170Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 171Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 172Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 173Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 174Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 440 page
background image
Monitor ROM (MON)
Data Sheet
MC68HC908AP Family — Rev. 2.5
170
MOTOROLA
10.5.1 PRGRNGE
PRGRNGE is used to program a range of FLASH locations with data
loaded into the data array.
The start location of the FLASH to be programmed is specified by the
address ADDRH:ADDRL and the number of bytes from this location is
specified by DATASIZE. The maximum number of bytes that can be
programmed in one routine call is 255 bytes (max. DATASIZE is 255).
ADDRH:ADDRL do not need to be at a page boundary, the routine
handles any boundary misalignment during programming. A check to
see that all bytes in the specified range are erased is not performed by
this routine prior programming. Nor does this routine do a verification
after programming, so there is no return confirmation that programming
was successful. User must assure that the range specified is first
erased.
The coding example below is to program 64 bytes of data starting at
FLASH location $EE00, with a bus speed of 4.9152 MHz. The coding
assumes the data block is already loaded in RAM, with the address
pointer, FILE_PTR, pointing to the first byte of the data block.
Table 10-11. PRGRNGE Routine
Routine Name
PRGRNGE
Routine Description
Program a range of locations
Calling Address
$FC34
Stack Used
15 bytes
Data Block Format
Bus speed (BUS_SPD)
Data size (DATASIZE)
Start address high (ADDRH)
Start address (ADDRL)
Data 1 (DATA1)
:
Data N (DATAN)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com