Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 177 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 177 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 173Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 174Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 175Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 176Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 177Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 178Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 179Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 180Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 181Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 440 page
background image
Monitor ROM (MON)
ROM-Resident Routines
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
177
When the user dedicates a page of FLASH for data storage, and the size
of the data array defined, each call of the EE_WRTIE routine will
automatically transfer the data in the data array (in RAM) to the next
blank block of locations in the FLASH page. Once a page is filled up, the
EE_WRITE routine automatically erases the page, and starts reuse the
page again. In the 512-byte page, an 9-byte control block is used by the
routine to monitor the utilization of the page. In effect, only 503 bytes are
used for data storage. (see Figure 10-10). The page control operations
are transparent to the user.
Figure 10-10. EE_WRITE FLASH Memory Usage
When using this routine to store a 8-byte data array, the FLASH page
can be programmed 62 times before the an erase is required. In effect,
the write/erase endurance is increased by 62 times. When a 15-byte
data array is used, the write/erase endurance is increased by 33 times.
Due to the FLASH page size limitation, the data array is limited from 7
bytes to 15 bytes.
The coding example below uses the $EE00–$EFFF page for data
storage. The data array size is 15 bytes, and the bus speed is
4.9152 MHz. The coding assumes the data block is already loaded in
RAM, with the address pointer, FILE_PTR, pointing to the first byte of the
data block.
PAGE BOUNDARY
CONTROL: 9 BYTES
DATA ARRAY
DATA ARRAY
DATA ARRAY
PAGE BOUNDARY
ONE PAGE = 512 BYTES
F L ASH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com