Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC68HC908AP16CFB Datasheet(PDF) 182 Page - Motorola, Inc

Part # MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Datasheet(HTML) 182 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 178Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 179Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 180Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 181Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 182Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 183Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 184Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 185Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 186Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 440 page
background image
Timer Interface Module (TIM)
Data Sheet
MC68HC908AP Family — Rev. 2.5
182
MOTOROLA
11.3 Pin Name Conventions
The text that follows describes both timers, TIM1 and TIM2. The TIM
input/output (I/O) pin names are T[1,2]CH0 (timer channel 0) and
T[1,2]CH1 (timer channel 1), where “1” is used to indicate TIM1 and “2”
is used to indicate TIM2. The two TIMs share four I/O pins with four I/O
port pins. The full names of the TIM I/O pins are listed in
Table 11-1. The generic pin names appear in the text that follows.
NOTE:
References to either timer 1 or timer 2 may be made in the following text
by omitting the timer number. For example, TCH0 may refer generically
to T1CH0 and T2CH0, and TCH1 may refer to T1CH1 and T2CH1.
11.4 Functional Description
Figure 11-1 shows the structure of the TIM. The central component of
the TIM is the 16-bit TIM counter that can operate as a free-running
counter or a modulo up-counter. The TIM counter provides the timing
reference for the input capture and output compare functions. The TIM
counter modulo registers, TMODH:TMODL, control the modulo value of
the TIM counter. Software can read the TIM counter value at any time
without affecting the counting sequence.
The two TIM channels (per timer) are programmable independently as
input capture or output compare channels.
Table 11-1. Pin Name Conventions
TIM Generic Pin Names:
T[1,2]CH0
T[1,2]CH1
Full TIM
Pin Names:
TIM1
PTB4/T1CH0
PTB5/T1CH1
TIM2
PTB6/T2CH0
PTB7/T2CH1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com