Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 5 Page - STMicroelectronics

  SRM32F439 Datasheet HTML 1Page - STMicroelectronics SRM32F439 Datasheet HTML 2Page - STMicroelectronics SRM32F439 Datasheet HTML 3Page - STMicroelectronics SRM32F439 Datasheet HTML 4Page - STMicroelectronics SRM32F439 Datasheet HTML 5Page - STMicroelectronics SRM32F439 Datasheet HTML 6Page - STMicroelectronics SRM32F439 Datasheet HTML 7Page - STMicroelectronics SRM32F439 Datasheet HTML 8Page - STMicroelectronics SRM32F439 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
DocID029237 Rev 2
5/91
AN4861
List of tables
5
List of tables
Table 1.
Applicable products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Table 2.
Display interfaces supported by STM32 MCUs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 3.
STM32 MCUs embedding an LTDC and their available graphic portfolio . . . . . . . . . . . . . 15
Table 4.
Advantages of using STM32 MCUs LTDC controller . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 5.
LTDC interface output signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 6.
LTDC timing registers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 7.
LTDC interrupts summary. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Table 8.
LTDC peripheral state versus STM32 low-power modes . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Table 9.
Framebuffer size for different screen resolutions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 10.
STM32F4x9 with HCLK @ 180 MHz and SDRAM @ 90 MHz
maximal supported pixel clock versus LTDC configuration and SDRAM bus width . . . . . . 37
Table 11.
STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9 with HCLK @ 200 MHz and
SDRAM@ 100 MHz maximal supported pixel clock versus
LTDC configuration and SDRAM bus width . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Table 12.
Example of supported display resolutions in specific STM32 hardware configurations . . . 39
Table 13.
STM32 packages with LTDC peripheral versus
RGB interface availability . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Table 14.
LCD-TFT timings extracted from ROCKTECH RK043FN48H datasheet . . . . . . . . . . . . . 55
Table 15.
Programming LTDC timing registers. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
Table 16.
Example of graphic implantations with STM32 in different hardware configurations . . . . . 63
Table 17.
STM32 reference boards with embedding LTDC
and featuring an on-board LCD-TFT panel. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Table 18.
Frequently asked questions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88
Table 19.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com