Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 19 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 15Page - STMicroelectronics SRM32F439 Datasheet HTML 16Page - STMicroelectronics SRM32F439 Datasheet HTML 17Page - STMicroelectronics SRM32F439 Datasheet HTML 18Page - STMicroelectronics SRM32F439 Datasheet HTML 19Page - STMicroelectronics SRM32F439 Datasheet HTML 20Page - STMicroelectronics SRM32F439 Datasheet HTML 21Page - STMicroelectronics SRM32F439 Datasheet HTML 22Page - STMicroelectronics SRM32F439 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 91 page
background image
DocID029237 Rev 2
19/91
AN4861
Overview of LTDC controller and STM32 MCUs graphical portfolio
89
2.4
Advantages of using an STM32 LTDC controller
Table 4 summarizes the major advantages of using the STM32’s embedded LTDC interface.
Table 4. Advantages of using STM32 MCUs LTDC controller
Advantage
Comments
Cost savings
Compared to other DBI interfaces (SPI, Motorola 6800 or
Intel 8080), the LTDC allows a connection to any low-cost
display module with no display controller nor GRAM.
The CPU is offloaded
The LTDC is an AHB master with its own DMA, which
fetches data autonomously from any AHB memory without
any CPU intervention.
No need for extra applicative layer
The LTDC hardware fully manages the data fetching, the
RGB outputting and the signals control, so no need for
extra applicative layer.
Fully programmable resolution
supporting custom and standard
displays
Fully programmable resolution with total width of up to
4096 pixels and total height of up to 2048 lines and with
pixel clock of up to 83 MHz.
Support of custom and standard resolutions (QVGA, VGA,
SVGA, WVGA, XGA, HD, and others).
Flexible color format
Each LTDC layer can be configured to fetch the
framebuffer in the desired pixel format (seeSection 3.3.2:
Programmable layer: color framebuffer).
Flexible parallel RGB interface
The flexible parallel RGB interface allows to drive 16-bit,
18-bit and 24-bit displays.
Ideal for low power and mobile
applications such as smartwatches.
The LTDC is able to continue graphic data fetching and
display driving while the CPU is in SLEEP mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com