Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 57 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 53Page - STMicroelectronics SRM32F439 Datasheet HTML 54Page - STMicroelectronics SRM32F439 Datasheet HTML 55Page - STMicroelectronics SRM32F439 Datasheet HTML 56Page - STMicroelectronics SRM32F439 Datasheet HTML 57Page - STMicroelectronics SRM32F439 Datasheet HTML 58Page - STMicroelectronics SRM32F439 Datasheet HTML 59Page - STMicroelectronics SRM32F439 Datasheet HTML 60Page - STMicroelectronics SRM32F439 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
DocID029237 Rev 2
57/91
AN4861
Creating a graphical application with LTDC
89
4.7.3
LTDC layer(s) configuration
This section describes the needed steps to configure the LTDC layer(s) respecting the
display size and the color depth.
As previously stated in Section 3.3.2 the LTDC features two independently configurable
layers, where the user can enable either one or the two layers. By default both layers are
disabled so only the configured background color is displayed (the default color is black).
The user can display layer 1 + background or display layer 1 + layer 2 + background.
Display only the background
If no layer has been enabled, only the background is displayed. If the background color is
not configured, the default background black color is displayed
(LTDC_BCCR = 0x00000000).
To set a blue background color the LTDC_BCCR register should be set to 0x000000FF.
Layer parameters configuration
Once that the LTDC GPIOs, clocks and timings are properly set, the user should configure
the following LTDC layer parameters. Each LTDC layer has its own parameters so it should
be configured separately.
•
Window size and position
•
Pixel input format
•
Framebuffer start address
•
Framebuffer size (image width and image height) and pitch
•
Layer default color in ARGB8888 format
•
Layer constant alpha for blending
•
Layer blending factor1 and factor2
An example of LTDC layer parameters configuration using STM32CubeMX is described in
Section : LTDC Layer parameters configuration on page 75.
Note:
All layer parameters can be modified on the fly except for the CLUT. The new configuration
has to be either reloaded immediately or during vertical blanking period by configuring the
LTDC_SRCR register.
4.7.4
Display panel configuration
Some displays require to be configured using serial communication interfaces such as I2C
or SPI.
For instance the STM32F429I-DISCO is embedding the ILI9341 display module which is
initialized through the SPI interface.
A dedicated driver for this display module (ili9341.c) including initialization and configuration
commands is available in the STM32Cube firmware package under:
STM32Cube_FW_F4_Vx.xx.x\Drivers\BSP\Components\ili9341
An example of display initialization sequence based on the ili9341_Init() function is included
in the STM32Cube examples for the STM32F429I-Discovery board under
STM32Cube_FW_F4_Vx.xx.x\Projects\STM32F429I-Discovery\
Examples\LTDC\LTDC_Display_2Layers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com