| Electronic Components Datasheet Search |
|
SRM32F439 Datasheet(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRM32F439 Datasheet(HTML) 29 Page - STMicroelectronics |
|
29 / 91 page ![]() DocID029237 Rev 2 29/91 AN4861 LCD-TFT (LTDC) display controller description 89 3.4 Interrupts The LTDC peripheral supports two global interrupts: • LTDC global interrupt. • LTDC global error interrupt. Each global interrupt is connected to two LTDC interrupts (logically disjointed) that can be masked separately through a specific register. Table 7 summarizes all of the related interrupts and all the particular cases when each interrupt is generated. 3.5 Low-power modes The STM32 power state has a direct effect on the LTDC peripheral. While in sleep mode, the LTDC is not affected and it keeps driving graphical data to the screen. While in the standby and the stop mode, the LTDC is disabled and no output is driven through its parallel interface. Exiting the standby mode should be followed with the LTDC reconfiguration. It is possible to drive a display panel in sleep mode while the CPU is stopped thanks to the smart architecture embedded in the STM32 microcontrollers which allows all the peripherals to be enabled even in sleep mode. This feature fits wearable applications where the low- power consumption is a must. The LTDC as an AHB master may continue fetching data from FMC_SDRAM or Quad-SPI (when the memory-mapped mode is used) even after entering the MCU in SLEEP mode. A line event or register reload interrupt can be generated to wake up the STM32 when a defined line on the screen is reached or when the shadow reload occurs. More information on reducing power consumption is available on Section 5. Table 8 summarizes the LTDC's state versus the STM32's low-power modes. Table 7. LTDC interrupts summary Related NVIC interrupt Interrupt event Event flag bit (LTDC_ISR register) Enable bit (LTDC_IER register) Clear bit (LTDC_ICR register) Description LTDC GLOBAL INTERRUPT Line LIF LIE CLIF Generated when a defined line on the screen is reached Register reload RRIF RRIE CRRIF Generated when the shadow reload occurs LTDC GLOBAL ERROR INTERRUPT FIFO underrun(1) 1. FIFO underrun interrupt is useful for determining the display size compatibility (see Section 4.2.2: Checking display compatibility considering the memory bandwidth requirements). FUIF FUIE CFUIF Generated when a pixel is requested while the FIFO is empty Transfer error TERRIF TERRIE CTERRIF Generated when bus error occurs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |