Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 17Page - STMicroelectronics SRM32F439 Datasheet HTML 18Page - STMicroelectronics SRM32F439 Datasheet HTML 19Page - STMicroelectronics SRM32F439 Datasheet HTML 20Page - STMicroelectronics SRM32F439 Datasheet HTML 21Page - STMicroelectronics SRM32F439 Datasheet HTML 22Page - STMicroelectronics SRM32F439 Datasheet HTML 23Page - STMicroelectronics SRM32F439 Datasheet HTML 24Page - STMicroelectronics SRM32F439 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 91 page
background image
DocID029237 Rev 2
21/91
AN4861
LCD-TFT (LTDC) display controller description
89
3.2
Flexible timings and hardware interface
Thanks to its timings and hardware interface flexibility, the LCD-TFT controller is able to
drive several monitors with different resolutions and signal polarities.
3.2.1
LCD-TFT pins and signal interface
To drive LCD-TFT displays, the LTDC provides up to 28 signals using simple 3.3 V signaling
including:
•
Pixel clock LCD_CLK.
•
Data enable LCD_DE.
•
Synchronization signals (LCD_HSYNC and LCD_VSYNC).
•
Pixel data RGB888.
Note:
The LTDC controller may support other display technologies if their interface is compatible.
The LTDC interface output signals are illustrated in Table 6.
.
Other signals
It is usual that display panel interfaces include other signals that are not part of the LTDC
signals described in Table 5. These additional signals are required for a display module to
be fully functional. The LTDC controller is able to drive only signals described in Table 5.
The signals that are not part of the LTDC may be managed using GPIOs and other
peripherals and may need specific circuits.
The display panels usually embed a backlight unit which requires an additional backlight
control circuit and a GPIO.
Some display panels need a reset signal and also a serial interface such as I2C or SPI.
These interfaces are used in general for the display initialization commands or for the touch
panel control.
Figure 12 shows a display panel connected to an STM32 MCU using the LTDC interface
signals illustrated in Table 5.
Table 5. LTDC interface output signals .
LCD-TFT signal Description
LCD_CLK
The LCD_CLK acts as the data valid signal for the LCD-TFT. The data is
considered by the display only on the LCD_CLK rising or falling edge.
LCD_HSYNC
The line synchronization signal (LCD_HSYNC) manages horizontal line scanning
and acts as line display strobe.
LCD_VSYNC
The frame synchronization signal (LCD_VSYNC) manages vertical scanning and
acts as a frame update strobe.
LCD_DE
The DE signal, indicates to the LCD-TFT that the data in the RGB bus is valid and
must be latched to be drawn.
Pixel RGB data
The LTDC interface can be configured to output more than one color depth. It can
use up to 24 data lines (RGB888) as display interface bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com