Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 39 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 35Page - STMicroelectronics SRM32F439 Datasheet HTML 36Page - STMicroelectronics SRM32F439 Datasheet HTML 37Page - STMicroelectronics SRM32F439 Datasheet HTML 38Page - STMicroelectronics SRM32F439 Datasheet HTML 39Page - STMicroelectronics SRM32F439 Datasheet HTML 40Page - STMicroelectronics SRM32F439 Datasheet HTML 41Page - STMicroelectronics SRM32F439 Datasheet HTML 42Page - STMicroelectronics SRM32F439 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
DocID029237 Rev 2
39/91
AN4861
Creating a graphical application with LTDC
89
4.2.3
Check the compatibility of the display panel interface with the LTDC
The user should choose the LCD panel depending on the application needs. The two main
factors to consider when choosing the LCD panel are the resolution and the color depth.
These two factors have a direct impact on the following parameters:
•
The required GPIO number.
•
The framebuffer size and location.
•
The pixel clock of the display.
Table 12. Example of supported display resolutions in specific STM32 hardware
configurations
Display characteristics
STM32's LTDC configuration
Resolution
Refresh rate
(Hz)
Pixel clock
(MHz)
Display
standard
Color depth
SDRAM 16-bit SDRAM 32-bit
320 x 240
(QVGA)
60
5.6
Custom
Up to 32 bpp
480 x 272
9.5
640 x 480
(VGA)
25.175
Industry
standard
Up to 24 bpp
Up to 32 bpp
800 x 600
(SVGA)
40.000
VESA
guidelines(1)
1. VESA (video electronics standards association) is a technical standards organization for computer display
standards providing display monitor timing (DMT) standards.
Up to 16 bpp
Up to 24 bpp
1024 x 768
(XGA)
65
8 bpp
Up to 16 bpp
1280 x 768
68.250
CVT R.B(2)
2. CVT R.B: coordinated video timings reduced blanking standard by VESA.
1280 x 720
(HD)
74.25
CEA(3)
3. CEA = consumer electronics association.
Up to 16 bpp(4)
4. Up to 8 bpp for the STM32F4x9 microcontrollers
1920 x1080
30
74.25
CEA(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com