Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 4Page - STMicroelectronics SRM32F439 Datasheet HTML 5Page - STMicroelectronics SRM32F439 Datasheet HTML 6Page - STMicroelectronics SRM32F439 Datasheet HTML 7Page - STMicroelectronics SRM32F439 Datasheet HTML 8Page - STMicroelectronics SRM32F439 Datasheet HTML 9Page - STMicroelectronics SRM32F439 Datasheet HTML 10Page - STMicroelectronics SRM32F439 Datasheet HTML 11Page - STMicroelectronics SRM32F439 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
Display and graphics overview
AN4861
8/91
DocID029237 Rev 2
1
Display and graphics overview
This section describes the basic terms used on the displays and graphics context in order to
provide an overview of the general display and graphics environment. This section also
summarizes the display interfaces supported by the STM32 MCUs.
1.1
Basic graphics concepts
This section describes a basic embedded graphic system, the display module categories
and the display technologies.
Basic embedded graphic system
A basic embedded graphic system can be schematized as described in Figure 1.
Figure 1. Basic embedded graphic system
A basic embedded graphic system is composed of a microcontroller, a framebuffer, a
display controller and a display glass.
•
The microcontroller computes the image to be displayed in the framebuffer, assembling
graphical primitives such as icons or images. The CPU performs this operation by
running a graphical library software. This process can be accelerated by a dedicated
hardware like the DMA2D Chrom-Art Accelerator®, used by the graphical library. The
more often the framebuffer is updated, the more fluent the animations are (animation
fps).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com