Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 58 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 54Page - STMicroelectronics SRM32F439 Datasheet HTML 55Page - STMicroelectronics SRM32F439 Datasheet HTML 56Page - STMicroelectronics SRM32F439 Datasheet HTML 57Page - STMicroelectronics SRM32F439 Datasheet HTML 58Page - STMicroelectronics SRM32F439 Datasheet HTML 59Page - STMicroelectronics SRM32F439 Datasheet HTML 60Page - STMicroelectronics SRM32F439 Datasheet HTML 61Page - STMicroelectronics SRM32F439 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 91 page
background image
Creating a graphical application with LTDC
AN4861
58/91
DocID029237 Rev 2
4.8
Storing graphic primitives
Graphic primitives are basic elements (such as images or fonts) which can combined to
build the framebuffer content that is displayed.
Static data should be placed in a non-volatile memory. When the amount of data to store is
relatively low, the internal FLASH memory can be used. Otherwise, graphical contents
should be placed in external memories.
The STM32 microcontrollers offer parallel (FMC) or serial (QSPI) interface for external NOR
Flashes (see Table 3).
To build the framebuffer content, the DMA2D can directly read graphic primitives form a
parallel NOR Flash or a Quad-SPI Flash.
Refer to the application note Quad-SPI (QSPI) interface on STM32 microcontrollers
(AN4760) for more details on storing graphic content on QSPI memory.
4.8.1
Converting images to C files
To add graphic primitives to a user project, they should be converted to C or header files. In
order to do that, the user can use some specific tools allowing to generate C or *.h files.
Warning:
The user must convert images to C files respecting the
configured pixel input format described in Section : Pixel
input format on page 27. Some tools may generate C or *.h
files with red and blue colors swapped. To avoid this issue
(displaying an image with red and blue swapped), the user
can use the LCD image converter tool.
The LCD image converter is a very customizable free tool allowing to convert images to C
files and offering the possibility to generate the C file in the desired format. An example is
described in Section 6.2.5: Displaying an image from the internal Flash.
4.9
Hardware considerations
This section provides some hardware considerations for a graphic application. In general
two important hardware interfaces should be designed carefully: the LTDC interface and the
external memory interface (used for framebuffer) such as FMC_SDRAM or FMC_SRAM.
LTDC parallel interface
When the pixel clock is below 40 MHz (SVGA), a simple 3.3 V signaling can be used.
It is possible to reach 83 MHz with a parallel RGB if the load and the wire length are reduced
(for example to interface on the same PCB with on-board an LVDS transciver or HDMI
transceiver).
It is recommended to configure the LTDC GPIOs at the maximum operating speed
OSPEEDRy[1:0] = 11b. Refer to the relevant STM32 reference manual for a description of
the GPIOx_SPEEDR GPIO port output speed register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com