| Electronic Components Datasheet Search |
|
SRM32F439 Datasheet(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRM32F439 Datasheet(HTML) 32 Page - STMicroelectronics |
|
32 / 91 page ![]() Creating a graphical application with LTDC AN4861 32/91 DocID029237 Rev 2 As shown in the formula above, the required framebuffer size depends on the display resolution and on its color depth. It is not necessary that the framebuffer color depth (bpp) is the same than the display color depth. For instance, an RGB888 display can be driven using an RGB565 framebuffer. Note: The required framebuffer size is doubled for double framebuffer configuration. It is common to use a double buffer configuration where one graphic buffer is used to store the current image while the second buffer used to prepare the next image. Table 9 shows the framebuffer size needed for standard screen resolutions with different pixel formats. Framebuffer location Depending on the required framebuffer size, it can be located either in an internal SRAM or in an external SRAM/SDRAM. If the internal RAM is not enough for the framebuffer, the user must use an external SDRAM/SRAM connected to the FMC. Consequently, the required framebuffer size will determine if the use of an external memory is needed or not. The required framebuffer size depends on the display size and color depth. Locating the framebuffer in the Internal SRAM Depending on the framebuffer size, it can be placed either in the internal SRAM or the external SRAM or SDRAM. Using an internal SRAM as a framebuffer allows the maximum performances and avoids any bandwidth limitation issues for the LTDC. Table 9. Framebuffer size for different screen resolutions Screen resolution Number of pixels Framebuffer size (Kbyte)(1) 1. The required framebuffer size is doubled for double framebuffer configuration. 8 bpp 16 bpp 24 bpp 32 bpp QVGA (320 x 240) 76800 75 150 225 300 Custom (480 x 272)(2) 2. An example of a custom 480 x 272 display is the ROCKTECH embedded on the STM32F746 discovery kit (32F746GDISCOVERY). 130560 128 255 383 510 HVGA(480 x 320) 153600 150 300 450 600 VGA (640 x 480) 307200 300 600 900 1200 WVGA(800 x 480) 384000 375 750 1125 1500 SVGA (800 x 600) 480000 469 938 1407 1875 XGA (1024 x 768) 786432 768 1536 2304 3072 HD (1280 x 720) 921600 900 1800 2700 3600 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |