Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 38Page - STMicroelectronics SRM32F439 Datasheet HTML 39Page - STMicroelectronics SRM32F439 Datasheet HTML 40Page - STMicroelectronics SRM32F439 Datasheet HTML 41Page - STMicroelectronics SRM32F439 Datasheet HTML 42Page - STMicroelectronics SRM32F439 Datasheet HTML 43Page - STMicroelectronics SRM32F439 Datasheet HTML 44Page - STMicroelectronics SRM32F439 Datasheet HTML 45Page - STMicroelectronics SRM32F439 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
Creating a graphical application with LTDC
AN4861
42/91
DocID029237 Rev 2
4.4.2
LTDC and DMA2D/CPU synchronization
When only one framebuffer is used, there is a risk that the framebuffer computation is
displayed on the screen. Multiple buffering techniques such as the double buffering are
commonly used to avoid displaying the framebuffer calculation on the screen.
Even when using a double buffering technique, a tearing effect may appear due to a non-
synchronization between the LTDC and the framebuffer update (either by the CPU or the
DMA2D). A way to solve this issue is the use of the VSYNC signal to synchronize the
workflow of these two masters (LTDC and either CPU or DMA2D).
The LTDC fetches the graphical data from a buffer (called frontbuffer) while the DMA2D
prepares the next frame in another buffer (called backbuffer). The VSYNC period indicates
the end of the actual frame display and that the two buffers should be flipped.
Figure 23. Double buffering: synchronizing LTDC with DMA2D or CPU
The LTDC provides different options to synchronize this workflow:
•
Program the line interruption with the value of the last screen line, the interrupt handler
should flip the framebuffers and start the next framebuffer calculation.
•
Program the shadow reload register (LTDC_SRCR) to Vertical blanking reload to
change the LTDC framebuffer address on the VSYNC period and Poll on VSYNC bit of
the LTDC_CDSR register to unblock the DMA2D.
4.5
Graphic performance optimization
As previously stated in this document, the framebuffer memory bandwidth is the most
important parameter for a graphic application. This section provides some
recommendations to optimize the graphic performances based on bandwidth optimizations
of the framebuffer memory.
4.5.1
Memory allocation
The smart architecture of the STM32 MCUs enables a significant system performance gain
when using the internal SRAM memory split into two or more slaves.
Splitting up the slave memories between masters helps to decrease the competition
between them when they access simultaneously the same SRAM. This action also creates
an additional system bus bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com