Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 67Page - STMicroelectronics SRM32F439 Datasheet HTML 68Page - STMicroelectronics SRM32F439 Datasheet HTML 69Page - STMicroelectronics SRM32F439 Datasheet HTML 70Page - STMicroelectronics SRM32F439 Datasheet HTML 71Page - STMicroelectronics SRM32F439 Datasheet HTML 72Page - STMicroelectronics SRM32F439 Datasheet HTML 73Page - STMicroelectronics SRM32F439 Datasheet HTML 74Page - STMicroelectronics SRM32F439 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
DocID029237 Rev 2
71/91
AN4861
LTDC application examples
89
Due to the R85 pull up resistance, the backlight is at its highest level by default if the
LCD_BL_CTRL (PK3) pin is kept floating so there is no need to configure this pin.
Enabling LTDC interrupts
The FIFO underrun and transfer error interrupts are enabled in the hal_ltdc driver
HAL_LTDC_Init() function. So the user should just enable the LTDC global interrupt on the
NVIC side.
To enable the LTDC global interrupts using STM32CubeMX, select the configuration tab
then click on the LTDC button as shown in Figure 38.
In the LTDC configuration window shown in Figure 42 select the NVIC settings tab, check
the LTDC global interrupts then click on the OK button.
Figure 42. STM32CubeMX: enabling LTDC global and error interrupts
6.2.4
LTDC peripheral configuration
This section demonstrates how to configure LTDC clocks / timings and layer parameters
using the STM32CubeMX tool.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com