Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 36Page - STMicroelectronics SRM32F439 Datasheet HTML 37Page - STMicroelectronics SRM32F439 Datasheet HTML 38Page - STMicroelectronics SRM32F439 Datasheet HTML 39Page - STMicroelectronics SRM32F439 Datasheet HTML 40Page - STMicroelectronics SRM32F439 Datasheet HTML 41Page - STMicroelectronics SRM32F439 Datasheet HTML 42Page - STMicroelectronics SRM32F439 Datasheet HTML 43Page - STMicroelectronics SRM32F439 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
Creating a graphical application with LTDC
AN4861
40/91
DocID029237 Rev 2
When selecting a display panel, the user should:
•
Ensure that the display interface is compatible with the LTDC (parallel RGB with control
signals).
•
Check if the control signals can be controlled by the LTDC (additional GPIOs are
sometimes needed).
•
Ensure that the display signal levels are matching the LTDC interface signal levels
(VDD from 1.8 V to 3.6 V).
•
Ensure that the display’s pixel clock is supported by the LTDC maximum pixel clock
defined in ithe relevant STM32 microcontroller datasheet.
•
Verify that the display timings parameters are supported by the LTDC timings (see
Table 6: LTDC timing registers).
•
Check that the display’s size and color depth are supported by the LTDC (refer to
Section 4.2.2: Checking display compatibility considering the memory bandwidth
requirements).
4.3
STM32 package selection guide
At this stage of the graphical application development, the user has already determined the
application’s requirements in terms of GPIOs:
•
Whether an external memory is needed and which is the bus width.
•
Which LTDC configuration to use: RGB565, RGB666 or RGB888.
When selecting the STM32 package, the user has to consider the RGB interfaces
availability and the application requirements in terms of GPIOs number. The user must refer
to the STM32 relevant datasheet to get the available packages with GPIOs.
An easy way to check if the STM32 package in which the user is interested matches the
application needs in term of GPIO number, is to use STM32CubeMX (the pinout tab).
Table 13 summarizes the available packages and RGB interface of STM32 MCUs
embedding an LTDC.
Table 13. STM32 packages with LTDC peripheral versus
RGB interface availability(1)
Product
STM32F429
SRM32F439
18
NA
18
24
24
24
24
24
18
NA
NA
STM32F469
STM32F479(2)
18
NA
18
24
24
24
24
24
NA
24
NA
STM32F7x6
18
18
24
NA
24
24
24
24
24
NA
NA
STM32F7x7
18
NA
24
NA
24
24
24
24
NA
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com