Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 38 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 34Page - STMicroelectronics SRM32F439 Datasheet HTML 35Page - STMicroelectronics SRM32F439 Datasheet HTML 36Page - STMicroelectronics SRM32F439 Datasheet HTML 37Page - STMicroelectronics SRM32F439 Datasheet HTML 38Page - STMicroelectronics SRM32F439 Datasheet HTML 39Page - STMicroelectronics SRM32F439 Datasheet HTML 40Page - STMicroelectronics SRM32F439 Datasheet HTML 41Page - STMicroelectronics SRM32F439 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
Creating a graphical application with LTDC
AN4861
38/91
DocID029237 Rev 2
Note:
Decreasing the system clock (HCLK then LTDC) leads to a degradation of graphic
performances.
Example of supported display resolutions for STM32F4x9 line and STM32F7
Series
Table 12 lists an example of some standard and custom display sizes supported by the
STM32F4x9 line and the STM32F7 Series in the following conditions:
•
For the STM32F4x9 line the system clock HCLK is running @ 180 MHz and the
SDRAM is @ 90 MHz.
•
For the STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9 lines the system
clock HCLK is running @ 200 MHz and the SDRAM is @ 100 MHz.
•
Only one LTDC layer used.
•
Two AHB masters concurrent access to the SDRAM (LTDC + DMA2D).
Table 11. STM32F7x6, STM32F7x7, STM32F7x8 and STM32F7x9 with HCLK @ 200 MHz and
SDRAM@ 100 MHz maximal supported pixel clock versus
LTDC configuration and SDRAM bus width
Used LTDC layers
Color depth
(bpp)
Maximum pixel clock (MHz)
LTDC
LTDC + DMA2D
SDRAM 16-bit
SDRAM 32-bit
SDRAM 16-bit
SDRAM 32-bit
1 layer
32
42
74
25
39
24
56
83
34
52
16
83
83
51
78
8
8383
8383
2 layers
32/32
2137
1220
32/24
2442
1423
32/16
2849
1728
32/8
3459
2134
24/24
2949
1727
24/16
3459
2033
24/8
4274
2642
16/16
4374
2541
16/8
5783
3456
8/8
8383
5182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com