Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 16 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 12Page - STMicroelectronics SRM32F439 Datasheet HTML 13Page - STMicroelectronics SRM32F439 Datasheet HTML 14Page - STMicroelectronics SRM32F439 Datasheet HTML 15Page - STMicroelectronics SRM32F439 Datasheet HTML 16Page - STMicroelectronics SRM32F439 Datasheet HTML 17Page - STMicroelectronics SRM32F439 Datasheet HTML 18Page - STMicroelectronics SRM32F439 Datasheet HTML 19Page - STMicroelectronics SRM32F439 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
Overview of LTDC controller and STM32 MCUs graphical portfolio
AN4861
16/91
DocID029237 Rev 2
2.3
LTDC in a smart architecture
The LTDC is a master on the AHB architecture which performs read access on internal and
external memories. The LTDC has two independent layers, each one with its own FIFO
enabling more flexibility of the display.
The LTDC controller autonomously fetches graphical data at the speed of the AHB bus from
the framebuffer. The graphical data is then stored in one of the FIFO internal layers then
driven to the display.
The system architecture enables that graphics can be built and plotted to the screen without
any CPU intervention. The LTDC retrieves the data belonging to an image from the
framebuffer, while the Chrom-Art Accelerator® (DMA2D) is preparing the next images.
The LTDC interface is integrated in a smart architecture allowing:
•
LTDC autonomously fetches the graphical data from the framebuffer (can be internal
memories such as internal Flash, internal SRAM or external memories such as
FMC_SDRAM or Quad-SPI) and drives it to the display.
•
DMA2D as an AHB master can be used to offload the CPU from graphics intensive
tasks.
•
LTDC is able to continue displaying graphics even in sleep mode when the CPU is not
running.
•
The multi-layer AHB bus architecture improves memories throughput and leads to
higher performance.
System architecture on STM32F429/439 and STM32F469/479 microcontrollers
The system architecture of the STM32F429/439 line and the STM32F469/479 line consists
mainly of 32-bit multilayer AHB bus matrix that interconnects ten masters and nine slaves
(eight slaves for the STM32F429/F439). The LTDC is one of the ten AHB masters on the
AHB busmatrix.
The LTDC can autonomously access all the memory slaves on the AHB bus matrix, such as
FLASH, SRAM1, SRAM2, SRAM3 FMC or Quad-SPI enabling an efficient data transfer
which is ideal for graphical applications. Figure 9 shows the LTDC interconnection in the
STM32F429/439 and STM32F469/479 lines systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com