Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 34 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 30Page - STMicroelectronics SRM32F439 Datasheet HTML 31Page - STMicroelectronics SRM32F439 Datasheet HTML 32Page - STMicroelectronics SRM32F439 Datasheet HTML 33Page - STMicroelectronics SRM32F439 Datasheet HTML 34Page - STMicroelectronics SRM32F439 Datasheet HTML 35Page - STMicroelectronics SRM32F439 Datasheet HTML 36Page - STMicroelectronics SRM32F439 Datasheet HTML 37Page - STMicroelectronics SRM32F439 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
Creating a graphical application with LTDC
AN4861
34/91
DocID029237 Rev 2
Figure 21. AHB masters concurrent access to SDRAM
External SDRAM/SRAM memory bus width
When locating the framebuffer in an external SDRAM/SRAM, the user should consider that
the external memory running frequency is around half or third of the system frequency. That
is the reason why the memory bandwidth should be considered as the bottleneck of the
whole graphic system.
One of the needed parameters for checking the display compatibility is the memory bus
width. For SDRAM, the user can use a 8-bit, 16-bit or 32-bit configuration.
As previously stated, the most complex to analyze is the use case when the framebuffer is
placed in an external memory:
The masters concurrent access on the same external memory leads to more latency and
impacts its throughput.
Determining pixel clock and LTDC required bandwidth
Pixel clock computation
The pixel clock is a key parameter for checking display size compatibility with a specific
hardware configuration.
In order to get the typical pixel clock of display, refer to the display’s datasheet. The
computed pixel clock should respect the display’s specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com