Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 26 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 22Page - STMicroelectronics SRM32F439 Datasheet HTML 23Page - STMicroelectronics SRM32F439 Datasheet HTML 24Page - STMicroelectronics SRM32F439 Datasheet HTML 25Page - STMicroelectronics SRM32F439 Datasheet HTML 26Page - STMicroelectronics SRM32F439 Datasheet HTML 27Page - STMicroelectronics SRM32F439 Datasheet HTML 28Page - STMicroelectronics SRM32F439 Datasheet HTML 29Page - STMicroelectronics SRM32F439 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
LCD-TFT (LTDC) display controller description
AN4861
26/91
DocID029237 Rev 2
Figure 16. Blending two layers with a background
3.3.1
Flexible window position and size configuration
Every layer can be positioned and resized at runtime and it must be inside the active display
area. The programmable layer position and size define the first and last visible pixel of a line
and the first and last visible line in the window. It allows to display either the full image (all
the active display area) or only a part of the image frame. Figure 17 shows a small window
where only a portion of the image is displayed while the remaining area is not displayed.
Figure 17. Layer window programmable size and position
1. LTDC_LxWHPCR and LTDC_LxWVPCR are respectively LTDC layer x window horizontal and vertical
position configuration registers where “x” can refer to layer 1 or layer 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com