Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 37Page - STMicroelectronics SRM32F439 Datasheet HTML 38Page - STMicroelectronics SRM32F439 Datasheet HTML 39Page - STMicroelectronics SRM32F439 Datasheet HTML 40Page - STMicroelectronics SRM32F439 Datasheet HTML 41Page - STMicroelectronics SRM32F439 Datasheet HTML 42Page - STMicroelectronics SRM32F439 Datasheet HTML 43Page - STMicroelectronics SRM32F439 Datasheet HTML 44Page - STMicroelectronics SRM32F439 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
DocID029237 Rev 2
41/91
AN4861
Creating a graphical application with LTDC
89
4.4
LTDC synchronization with DMA2D and CPU
4.4.1
DMA2D usage
The DMA2D is a master on the AHB bus matrix performing graphical data transfers inter-
memories. It is recommended to use the DMA2D in order to offload the CPU.
The DMA2D implements four basic tasks:
•
Fill a rectangular shape with a unique color.
•
Copy a frame or a rectangular part of a frame from a memory to another.
•
Convert the pixel format of a frame or a rectangular part of a frame while transferring it
from one memory to another memory.
•
Blend two images with different sizes and pixel format and store the resulting image in
one resulting memory.
STM32F7x8(2)
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
24
STM32F7x9(2)
NA
NA
NA
NA
NA
24
24
24
NA
NA
24
1. Gray cells with “NA” = the package is not available for that specific product.
Cells with “18” value = only RGB565 and RGB666 parallel outputs are supported.
Cells with “24” value = all of RGB565, RGB666 and RGB888 outputs are supported.
2. The integrated MIPI-DSI controller allows easier PCB design with fewer pins, for more details on STM32's
MIPI-DSI host refer to application note AN4860.
Table 13. STM32 packages with LTDC peripheral versus
RGB interface availability(1) (continued)
Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com