Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRM32F439 Datasheet(PDF) 81 Page - STMicroelectronics

Part # SRM32F439
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRM32F439 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button SRM32F439 Datasheet HTML 77Page - STMicroelectronics SRM32F439 Datasheet HTML 78Page - STMicroelectronics SRM32F439 Datasheet HTML 79Page - STMicroelectronics SRM32F439 Datasheet HTML 80Page - STMicroelectronics SRM32F439 Datasheet HTML 81Page - STMicroelectronics SRM32F439 Datasheet HTML 82Page - STMicroelectronics SRM32F439 Datasheet HTML 83Page - STMicroelectronics SRM32F439 Datasheet HTML 84Page - STMicroelectronics SRM32F439 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
DocID029237 Rev 2
81/91
AN4861
LTDC application examples
89
6.2.6
FMC SDRAM configuration
The external SDRAM must be configured as it contains the LTDC framebuffer. To configure
the FMC_SDRAM and the SDRAM memory device mounted on the STM32746G-Discovery
board, the user can use either STM32CubeMX or use the existing BSP driver.
To configure the FMC_SDRAM using the BSP driver follow the steps described below:
1.
Add the following files to the project: BSP stm32746g_discovery_sdram.c and
stm32746g_discovery_sdram.h. Include the stm32f7xx_hal_sdram.h in the main.c file.
Add the stm32f7xx_hal_sdram.c and stm32f7xx_ll_fmc.c HAL drivers to the project
2.
Enable the SDRAM module in the stm32f7xx_hal_conf.h file by uncommenting the
SDRAM module definition. Include the stm32f7xx_hal_sdram.h file in the main.c file.
3.
Call the BSP_SDRAM_Init() function in the main() function.
6.2.7
MPU and cache configuration
As illustrated in Section 4.6, the MPU attributes should be correctly configured in order to
prevent graphical performance issues related to the Cortex®-M7 speculative read accesses
and cache maintenance.
This section describes an example of MPU attribute configuration with respect to the
STM32F746G-DISCO board hardware configuration.
The MPU memory attributes can be easily configured with STM32CubeMX. A code example
of MPU configuration generated using STM32CubeMX is described at the end of this
section.
MPU configuration example: FMC_SDRAM
In this configuration example, the double framebuffer technique is used; the frontbuffer is
placed in the SDRAM bank1 while the backbuffer is placed in the SDRAM bank2 with
respect to the SDRAM bandwidth optimization described in Section 4.5.3: Optimizing the
LTDC framebuffer fetching from SDRAM.
The following MPU regions are created (FMC without sawp):
•
Region0: defines the SDRAM memory size 8 MByte
•
Region1: defines the frontbuffer 256 Kbyte (16 bpp x 480 x 272), it overlaps region0
•
Region2: defines the backbuffer 256 Kbyte (16 bpp x 480 x 272), it overlaps region0
Figure 52 illustrates the MPU configuration of the SDRAM region.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com